Part Number Hot Search : 
TA0426A 45020 61000 45020 PE966 BTA16 C3220 1N758A
Product Description
Full Text Search
 

To Download TGR-TF01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GSM Remote Control Unit
Features
* * * * * * Quad Band GSM module SMS controlled Relay / Digital Telemetry Outputs Digital Inputs Alarm sensor management DIN Rail or Wall Mounting Accumulator connection 'G' versions - GPS module for position management and alarming
TGR10 TGR10G
* *
Advanced System
Additional feature: * Temperature measuring and management
Reference System
Additional features: * Temperature measuring and management * PC Remote / Local Management
The TGR10 is a highly efficient GSM remote controller specially designed to use as stand-alone unit or in combination with other video surveillance or alarm equipment. The Built-in Quad Band GSM module enables simple and easy control and management of complete electrical and electronic equipment using a GSM mobile phone. The units feature a fitted relay to enable remote control of electrical devices, for example airconditioning and heating. The controller can also be connected to other alarm equipment and additional sensors to be used in a variety of applications including remote intruder, fire surveillance, voltage and temperature measuring and management. The systems telemetry outputs are controlled with SMS text messages. The digital inputs can be configured to send SMS text messages to a mobile phone on change of status. This can be used for remote sensor management and alarming. The advanced system also features an I2C interface for connection of temperature sensors. The reference system also features an I2C interface, along with an RS232 interface, enabling remote or local control of the unit from a PC.
Ordering Information Part Number
TGR10-B TGR10-A TGR10-R TGR10G-B TGR10G-A TGR10G-R
Description
GSM Remote Control Unit, Basic Version GSM Remote Control Unit, Advanced Version GSM Remote Control Unit, Reference Version GSM Remote Control Unit with GPS Receiver, Basic Version, GSM Remote Control Unit with GPS Receiver, Advanced Version GSM Remote Control Unit with GPS Receiver, Reference Version
DS-TGR10-2 Feb '07
(c)2007 RF Solutions Ltd, www.rfsolutions.co.uk Tel 01273 898000 Fax 01273 480661
Page 1
GSM Remote Control Unit
Technical Specifications
Basic, Advanced and Professional
Enclosure Dimensions Weight Power supply Current Consumption Accumulator (option) Digital inputs Relays GSM module Quad-band SIM card interface Antenna connector GPS module* GPS receiver Sensitivity Antenna connector Antenna Power Supply * Only `G' models DIN Rail - EN 60715 TH35 70 x 90 x 70 mm 160g 12Vdc Idle: 32-38mA, Relay Energised: 70mA 1, the same voltage as power supply 2, NO, TTL, 12V 1, NO/NC/COM E-GSM-900, GSM-850 DCS-1800, PCS-1900 3V SMA 20-parallel channel GPS receiver -159 dBW SMA 3-5 Vdc
TGR10 TGR10G
Advanced and Reference
Digital inputs Digital outputs Temperature sensor interface 4, NO, TTL, 12V 1, open-collector 1, I2C interface
Reference
PC Serial Interface 1, RS-232/RS-485
Accessories
Part Number
TGR-TT02 TGR-TIR01 TGR-TIR02 TGR-TF01 TGR-TW01 TGR-TAGM 01 TGR-TAGM 02 TGR-TAGP 01 TGR-TAC12
temperature compensation, LED indicator
Description
Temperature Sensor - Temperature from -55C to +125C (1C at 30C), with 5m length cable IR Intruder Sensor - 9-14.5 Vdc, indoor, cover area 7.6 x 7.6m at height of 2.4m, 360, 30 areas, IR Intruder Sensor - 12 Vdc, outdoor, cover area 12 x 15m, day and night mode, -20 - +50C,
temperature compensation, LED indicator
Smoke Sensor - 12-24 Vdc, LED indicator, Water Inlet Sensor - Floating switch, for TGR series Remote Control Units. GSM antenna - Stubby, frequency range GSM 900MHz, GSM 1800MHz, gain 2,.5dB, with SMA connector GSM antenna - Frequency range GSM 900MHz, GSM 1800MHz, gain 0dB, with 3m cable length and
SMA connector
GPS antenna - 3.3-4.5Vdc, center frequency 1575,42MHz, with 5m cable length and SMA connector Accumulator - 12V/7.2Ah RF Solutions Ltd., Unit 21, Cliffe Industrial Estate, South Street, Lewes, E Sussex, BN8 6JL. England Tel +44 (0)1273 898 000 Fax +44 (0)1273 480 661 Email: sales@rfsolutions.co.uk www.rfsolutions.co.uk
DS-TGR10-2 Feb '07
(c)2007 RF Solutions Ltd, www.rfsolutions.co.uk Tel 01273 898000 Fax 01273 480661
Page 21


▲Up To Search▲   

 
Price & Availability of TGR-TF01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X